Part Number Hot Search : 
DFN322 2A1215XD TCMT1101 GBC20 5P6SMA MCSO1 TPC8403 T521004
Product Description
Full Text Search
 

To Download AL-HKB35A09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
0805 Package Yellow SMD Chip LED Lamps Part Number: AL-HKB35A Package outlines & Re-flow Profile
Reflow Temp./Time
Temp.
240Max.
10sec Max.
5/sec Max.
60~120sec 4/sec Max.
Time
Soldering iron Basic spec is 5sec when 260. If temperature is higher, time should be shorter (+10 -1sec ).Power dissipation of iron should be smaller than 15W, and temperatures should be controllable .Surface temperature of the device should be under 230 .
ITEM
Resin (mold) Lens color Printed circuit board
MATERIALS
Epoxy Water Clear BT AlGaInP Yellow
Recommend Pad Layout
Dice Emitted color
NOTES:
1. 2. 3. 4.
All dimensions are in millimeters (inches); Tolerances are 0.1mm (0.004inch) unless otherwise noted. Soldering terminal may shift in x, y direction. Polarity referring on to the Cathode mark is reversed on the red.
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: AL-HKB35A ELECTRO-OPTICAL CHARACTERISTICS Parameter
Viewing angle at 50% IV Forward voltage Luminous intensity
Dominant Wavelength Peak Emission Wavelength
(TA=25)
Value
MIN. TYP. MAX.
Test Condition Symbol
IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA 21/2 VF IV d p IFP
Unit
Deg V mcd nm nm mA
130 1.8 2.0 2.6 - 45 -
- 590 - - 585 - 100
Peak pulsing current (1/10 duty f=1kHz)
Absolute maximum ratings Parameter
Forward current Reverse voltage Reverse current Power Dissipation Operating temperature range Storage temperature range
(TA=25) Symbol
IF VR IR PD Top Tstg
Value
30 5 10 62 -30 ~+80 -40 ~+90
Unit
mA V A mW
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: AL-HKB35A Test items and results of reliability
No.
Items
Test Condition
Test Hours/Cycles 5 sec
Sample Size 48 pcs
1
Solder Heat
TEMP2605 90~ 25~ -30 ~ 25 30m 5m 30m 5m 100~ -55 10m 10m IF=20mA
2
Temperature Cycle
300Cycles
48 pcs
3
Thermal Shick
100Cycles
48 pcs
4
Operation Life
1000 Hrs
48 pcs
5
High Temperature Storage
Temp90
1000Hrs
48 pcs
6
Low Temperature Storage High Temperature / High Humidity
Temp-30
1000Hrs
48 pcs
7
80 / R.H80%
1000Hrs
48 pcs
Refer to reliability test standard specification for in this line.
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: AL-HKB35A
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: AL-HKB35A


▲Up To Search▲   

 
Price & Availability of AL-HKB35A09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X